Part Number Hot Search : 
EGA16 ROMEO2 IRF822 MMBT55 2N491 MP36F PLUS153D 5225B
Product Description
Full Text Search
 

To Download C8051F231 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C8051F231
ANALOG PERIPHERALS Two Comparators - Programmable Hysteresis - Configurable to Generate Interrupts or Reset VDD Monitor and Brown-out Detector ON-CHIP JTAG DEBUG - On-Chip Debug Circuitry Facilitates Full Speed, Non-Intrusive In-System Debug (No Emulator Required!) - Provides Breakpoints, Single Stepping, Watchpoints, Stack Monitor - Inspect/Modify Memory and Registers - Superior Performance to Emulation Systems Using ICE-Chips, Target Pods, and Sockets - Low Cost, Complete Development Kit SUPPLY VOLTAGE ......................2.7V to 3.6V - Typical Operating Current: 9mA @ 25MHz - Typical Stop Mode Current: <0.1uA Temperature Range: -40C to +85C 32-Pin LQFP Package
8K Flash, 256 RAM, 32-Pin MCU
PRELIMINARY
8051-COMPATIBLE C Core - Pipelined Instruction Architecture; Executes 70% of Instructions in 1 or 2 System Clocks - Up to 25MIPS Throughput with 25MHz Clock - Expanded Interrupt Handler MEMORY - 256 Bytes Data RAM - 8k Bytes FLASH; In-System Programmable in 512 byte Sectors DIGITAL PERIPHERALS - 22 Port I/O; All are 5V tolerant TM - Hardware SPI and UART Serial Ports Available Concurrently - Three 16-bit Counter/Timers - Dedicated Watch-Dog Timer - Bi-directional Reset CLOCK SOURCES - Internal Programmable Oscillator: 2-to-16MHz - External Oscillator: Crystal, RC, C, or Clock - Can Switch Between Clock Sources on-the-fly; Useful in Power Saving Modes
SPI is a trademark of Motorola, Inc.
VDD GND
Analog/Digital Power
Port 0 Latch UART Timer 0 Timer 1 Timer 2
P 0 M U X
P 0 D r v
P0.0/TX P0.1/RX P0.2//INT0 P0.3//INT1 P0.4/T0 P0.5/T1 P0.6/T2 P0.7/T2EX
TCK TMS TDI TDO /RST
JTAG Logic
Debug HW
Reset
8 0 5 1 C o r e
8kbyte FLASH 256 byte RAM
Port 1 Latch
CP0+ CP0
CP0
P 1 M U X
P 1 D r v
CP0CP1+
CP1
CP1
P1.0/CP0+ P1.1/CP0P1.2/CP0 P1.3/CP1+ P1.4/CP1P1.5/CP1 P1.6/SYSCLK P1.7
CP1SYSCLK
VDD Monitor External Oscillator Circuit Internal Oscillator
WDT Port 2 Latch SPI
XTAL1 XTAL2
SFR Bus
P 2 M U X
P 2 D r v P 3
System Clock
P2.0/SCK P2.1/MISO P2.2/MOSI P2.3/NSS P2.4 P2.5
Port 3 Latch
D r v
NC
7.15.2002
C8051F231
8K Flash, 256 RAM, 32-Pin MCU
PRELIMINARY
SELECTED ELECTRICAL SPECIFICATIONS TA = -40C to +85C, VDD = 2.7V unless otherwise specified. PARAMETER CONDITIONS MIN TYP MAX GLOBAL CHARACTERISTICS Supply Voltage 2.7 3.6 Supply Current (CPU Clock=25MHz 9 active) Clock=1MHz 0.4 Clock=32kHz; VDD Monitor Disabled 11 10 Supply Current (shutdown) Oscillator not running; VDD Monitor Enabled 0.1 Oscillator not running; VDD Monitor Disabled Clock Frequency Range DC 25 COMPARATORS Supply Current (each comparator) 1.5 Response Time (CP+) - (CP-) = 100mV 4.0
UNITS V mA mA A A A MHz A s
PACKAGE INFORMATION
D D1
A MIN NOM MAX (mm) (mm) (mm) 1.60 0.15
C8051F226DK DEVELOPMENT KIT
A1 0.05
E1 E
A2 1.35 1.40 1.45 b 0.30 0.37 0.45 9.00 7.00 0.80 9.00 7.00 -
32
D D1
1
PIN 1 IDENTIFIER
A2
e
A b A1 e
E E1


▲Up To Search▲   

 
Price & Availability of C8051F231

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X